PART |
Description |
Maker |
LEDS2-8-26 LEDS1-4-26 LEDS1-6-26 LEDS1-8-26 LEDS3- |
LED SPACERS
|
Richco, Inc. List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
1221-12-PH |
1/2 ROUND SPACERS
|
RAF ELECTRONIC HARDWARE
|
M0500-25-N |
4.5MM ROUND SPACERS
|
RAF ELECTRONIC HARDWARE
|
24428 |
METRIC STANDOFFS AND SPACERS
|
List of Unclassifed Man...
|
561-13SP096 561-13SP097 561-13SP005 561-13SP218 56 |
Standard Nylon Spacers
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
R30-100 R30-101 R44-100 |
Metric & Imperial Spacers
|
Harwin Plc
|
M0502-25-AL |
4.5MM ROUND SPACERS
|
RAF ELECTRONIC HARDWARE
|
561-L4.25 561-L4.375 561-L4.625 561-L4.875 |
HEX NYLON TAPPED SPACERS
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
DW-09-08-S-S-315 DW-09-08-T-S-275 DW-06-11-G-D-665 |
.025" BOARD SPACERS 9 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER .025" BOARD SPACERS 12 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER .025" BOARD SPACERS 2 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER .025" BOARD SPACERS 5 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER .025" BOARD SPACERS 10 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER .025" BOARD SPACERS 18 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER .025" BOARD SPACERS 16 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER .025" BOARD SPACERS 14 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 64 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 40 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 20 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 24 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 13 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 35 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 30 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 22 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 1 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 78 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 19 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER
|
Samtec, Inc. SAMTEC INC
|
Q62703-Q2021 LS5420 LS5420-MQ LS5420-P LS5420-PT L |
5 mm (T1 3/4) LED / Non Diffused 5 mm (T1 3/4) LED, Non Diffused 5毫米(T1 3 / 4)的LED,非漫射 5 mm (T1 3/4) LED, Non Diffused T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm 5 mm (T1 3/4) LED, Non Diffused T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm 5 mm (T1 3/4) LED, Non Diffused T-1 3/4 SINGLE COLOR LED, SUPER RED, 5 mm
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
Q62703-Q0576 Q62703-Q1003 Q62703-Q0759 Q62703-Q057 |
ARGUS LED 3 mm T1 LED Non Diffused ARGUS LED 3 mm T1 LED/ Non Diffused Circular Connector; Body Material:Aluminum Alloy; Series:KPSE07; No. of Contacts:32; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket RoHS Compliant: No 452802201 Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric; Capacitance [nom]: 0.022uF; Working Voltage (Vdc)[max]: 200V; Capacitance Tolerance ARGUS LED 3 mm T1 LED, Non Diffused SINGLE COLOR LED, YELLOW, 3 mm ARGUS LED 3 mm T1 LED, Non Diffused 阿格毫米T1的LED发光二极管,非漫
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG SIEMENS A G
|
|